Part Number Hot Search : 
S1503 60001 LBS11902 ECWF2225 SGM9111 D213ED ADAM6060 29LV033
Product Description
Full Text Search
 

To Download IN4727A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4727A...1N4764A
SILICON PLANAR POWER ZENER DIODES
Max. 0.7
for use in stabilizing and clipping circuits with high power rating.
Max. 2.8
Min. 25.4
Black Cathode Band Black Part No. Black "ST" Brand
XXX
ST
Max. 4.2
Min. 25.4
Glass Case DO-41 Dimensions in mm
Absolute Maximum Ratings (Ta = 25 OC) Parameter
Power Dissipation Junction Temperature Storage Temperature Range
1)
Symbol Ptot Tj TS
Value 1
1)
Unit W
O
200 - 65 to + 200
C C
O
Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
Characteristics at Ta = 25 OC
Parameter Thermal Resistance Junction to Ambient Air Forward Voltage at IF = 200 mA
1)
Symbol RthA VF
Max. 170
1)
Unit K/W V
1.2
Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
Web Site: WWW.PS-PFS.COM
1N4727A...1N4764A
Zener Voltage Range 3), 5) Type VZnom VZ lZT Maximum Zener Impedance 1) rZJT rZJK at IZK Maximum Reverse Maximum Surge Maximum Leakage Current Current 4) Regulator Current 2) IR at VR at Ta = 25 OC
IZM (mA) V mA mA A V IZSM (mA) V 1N4727A 3 2.85...3.15 83 10 400 1 150 1 1375 275 1N4728A 3.3 3.13...3.47 76 10 400 1 150 1 1375 275 1N4729A 3.6 3.42...3.78 69 10 400 1 100 1 1260 252 1N4730A 3.9 3.7...4.1 64 9 400 1 100 1 1190 234 1N4731A 4.3 4.08...4.52 58 9 400 1 50 1 1070 217 1N4732A 4.7 4.46...4.94 53 8 500 1 10 1 970 193 1N4733A 5.1 4.84...5.36 49 7 550 1 10 1 890 178 1N4734A 5.6 5.32...5.88 45 5 600 1 10 2 810 162 1N4735A 6.2 5.89...6.51 41 2 700 1 10 3 730 146 1N4736A 6.8 6.46...7.14 37 3.5 700 1 10 4 660 133 1N4737A 7.5 7.12...7.88 34 4 700 0.5 10 5 605 121 1N4738A 8.2 7.79...8.61 31 4.5 700 0.5 10 6 550 110 1N4739A 9.1 8.64...9.56 28 5 700 0.5 10 7 500 100 1N4740A 10 9.5...10.5 25 7 700 0.25 10 7.6 454 91 1N4741A 11 10.45...11.55 23 8 700 0.25 5 8.4 414 83 1N4742A 12 11.4...12.6 21 9 700 0.25 5 9.1 380 76 1N4743A 13 12.35...13.65 19 10 700 0.25 5 9.9 344 69 1N4744A 15 14.25...15.75 17 14 700 0.25 5 11.4 304 61 1N4745A 16 15.2...16.8 15.5 16 700 0.25 5 12.2 285 57 1N4746A 18 17.1...18.9 14 20 750 0.25 5 13.7 250 50 1N4747A 20 19...21 12.5 22 750 0.25 5 15.2 225 45 1N4748A 22 20.9...23.1 11.5 23 750 0.25 5 16.7 205 41 1N4749A 24 22.8...25.2 10.5 25 750 0.25 5 18.2 190 38 1N4750A 27 25.65...28.35 9.5 35 750 0.25 5 20.6 170 34 1N4751A 30 28.5...31.5 8.5 40 1000 0.25 5 22.8 150 30 1N4752A 33 31.35...34.65 7.5 45 1000 0.25 5 25.1 135 27 1N4753A 36 34.2...37.8 7 50 1000 0.25 5 27.4 125 25 1N4754A 39 37.05...40.95 6.5 60 1000 0.25 5 29.7 115 23 1N4755A 43 40.85...45.15 6 70 1500 0.25 5 32.7 110 22 1N4756A 47 44.65...49.35 5.5 80 1500 0.25 5 35.8 95 19 1N4757A 51 48.45...53.55 5 95 1500 0.25 5 38.8 90 18 1N4758A 56 53.2...58.8 4.5 110 2000 0.25 5 42.6 80 16 1N4759A 62 58.9...65.1 4 125 2000 0.25 5 47.1 70 14 1N4760A 68 64.6...71.4 3.7 150 2000 0.25 5 51.7 65 13 1N4761A 75 71.25...78.75 3.3 175 2000 0.25 5 56 60 12 1N4762A 82 77.9...86.1 3 200 3000 0.25 5 62.2 55 11 1N4763A 91 86.45...95.55 2.8 250 3000 0.25 5 69.2 50 10 1N4764A 100 95...105 2.5 350 3000 0.25 5 76 45 9 1) The Zener Impedance is derived from the 60 Hz AC voltage which results when an AC current having an RMS value equal to 10% of the Zener Current (IZT or IZK) is superimposed on IZT or IZK. Zener Impedance is measured at two points to insure a sharp knee on the breakdown curve and to eliminate unstable units. 2) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature. 3) Measured under thermal equilibrium and DC test conditions. 4) The rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current IZT. 5) Tested with pulses tp = 20 ms.
Web Site: WWW.PS-PFS.COM
Iz Iz mA 50 30
40
20
mA 100
10
30
50
60
70
80
90
20
40
10
0 0 0 1
IN4742 IN4745 IN4743 IN4744
Tj=constant(pulsed)
1N4727A...1N4764A
Breakdowm characteristics
0 2
IN4746 IN4747 IN4748 IN4749
10 3
IN4750 IN4751 IN4752
IN4727 IN4728
IN4730 IN47 29
20 4
IN4753 IN4754 IN4755 IN4756
IN4731 IN4732
30 5
IN4757 IN4758
40 6
IN4759
50 Vz
IN4760
IN4733 IN4734
60
IN4735 IN4736
Vz 7
IN4761
70 8
Web Site: WWW.PS-PFS.COM
IN4737 IN4738 IN4739 IN4762
80
IN4763 IN4764
9
90 Tj=25 oC IN...
IN4740
10
100
IN4741
11
110
Tj=25 oC
IN...
12
120
1N4727A...1N4764A
1.0
250
Pd. Total Power Dissipation (W)
Thermal Resistance Junction to Ambient (C/W) R
JA
0.8
200
0.6
150
0.4
100
0.2
50
0
0 0 100 200
0
5
10
15
20
25
30
TA, Ambient Temperature Fig. 1 Power Dissipation vs Ambient Temperature
I, Lead Length (mm) Fig. 2 Typical Thermal Resistance vs. Lead Length
1000 f=1MHz TA=25C
1000
Differential Zener Impedance ( )
Cj, Diode Capacitance (pF)
Iz=1mA 100 2mA 5mA 10mA 20mA 10
100 VR=0V VR=2V VR=5V VR=20V VR=30V
10
1
0
10
20
30
40
50
60
1
1
10
100
Vz, Zener Voltage (V) Fig. 3 Junction Capacitance vs Zener Voltage
Vz, Zener Voltage (V) Fig. 4 Typical Zener Impedance vs. Zener Voltage
Web Site: WWW.PS-PFS.COM


▲Up To Search▲   

 
Price & Availability of IN4727A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X